Part Number Hot Search : 
KLPC6000 M48T86PC RN1907FE 8K32P LM2931 LR8N8 AA2068AH NDB610AE
Product Description
Full Text Search
 

To Download TV04A750K-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Transient Voltage Suppressor
SMD Diodes Specialist
TV04A5V0-G Thru. TV04A171-G
Working Peak Reverse Voltage: 5.0 to 170 Volts Power Dissipation: 400 Watts RoHS Device
Features
-Ideal for surface mount applications. -Easy pick and place. -Plastic package has Underwriters Lab. flammability classification 94V-0. -Typical IR less than 1A above 10V. -Fast response time: typically less than 1nS for uni-direction, less than 5nS for bi-direction, from 0V to BV min.
0.180(4.57) 0.160(4.06)
DO-214AC (SMA)
0.067(1.70) 0.051(1.29)
0.110(2.79) 0.086(2.18)
0.209(5.31) 0.185(4.70)
0.012(0.31) 0.006(0.15)
Mechanical data
-Case: JEDEC DO-214AC, molded plastic. -Terminals: solderable per MIL-STD-750, method 2026. -Polarity: Color band denotes cathode end. -Approx. weight: 0.064 grams
0.091(2.31) 0.067(1.70)
0.059(1.50) 0.035(0.89)
0.008(0.20) 0.004(0.10)
Dimensions in inches and (millimeter)
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristics Peak power dissipation on 10/1000S waveform (Note 1, Fig. 1) Peak pulse current on 10/1000S waveform (Note 1, Fig. 3) Steady state power dissipation at TL=75 (Note 2) Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load, uni-directional only (Note 3) Maximum instantaneous forward voltage at 25.0A for uni-directional only (Note 3&4) Maximum operating junction temperature Storage temperature range
Notes:
O
Symbol PPPM
Value 400
Units Watts
IPPM C
See Table 1
A
PM(AV)
1.0
Watts
IFSM
40
A
VF TJ TSTG
3.5 150 -55 to +150
V
O
C C
O
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25C, per Fig. 2. 2 2. Mounted on 5.0x5.0mm copper pads to each terminal. 3. Lead temperature at TL=75 OC per Fig.5. 4. Measured on 8.3mS single half sine-wave for uni-directional devices only. 5. Peak pulse power waveform is 10/1000S.
REV:B
QW-BTV01
Page 1
Comchip Technology CO., LTD.
SMD Transient Voltage Suppressor
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (TV04A5V0-G thru TV04A171-G)
Fig.1 Reverse Characteristics Peak Pulse Power (PPP) or Current (IPP) Derating in Percent(%)
100 140
Fig.2 Pulse Derating Curve
PPPM,Peak Pulse Powerk (w)
Mounted on 5.0x5.0 mm copper pads
2
Mounted on 5.0x5.0 mm copper pads
2
120
100 80 60
10
1
TA=25 C Non-repetitive pulse waveform shown in Fig.3
O
40 20
0.1 0.1
0 0 25 50 75 100 125 150 175
1
10
100
1000
10000
td, Pulse Width (S)
TA, Ambient TemperatureO( ) C
Fig.3 Pulse Waveform
125
tr=10S
Fig.4 Typical Junction Capacitance
10000
100
Peak value IPPM
CJ, Junction Capacitance (PF)
Pulse width (td) is defined as the point where the peak current decay to 50% of IPP
TJ=25 C f=1.0MHz Vsig=50mV-p
O
Measured at standard-off voltage, VWM
IPPM,Peak Pulse Current(%)
1000
Uni-directional
75
Half value IPP/2
50
10/1000S waveform as defined by R.E.A.
100
Bi-directional
25
td
0 0 1 2 3 4
10 1 10 100 1000
t, Time (mS)
VBR, Breakdown Voltage (V)
Fig.5 Steady State Power Derating Curve PM(AV),Steady State Powersis ipation (w)
1.4 100
Fig.6 Max. Non-repetitive Forward Surge Current (Uni-directional only) IFSM,Peak Forward Surge Current(A)
8.3mS single half sine-wave (JEDEC method) TJ=TJ max.
1.2 1.0 0.8 0.6 0.4 0.2
Mounted on 2 5.0x5.0mm copper pads
60Hz, Resistive or inductive load
50
0 0 25 50 75 100 125 150 175
10 1 10 100
TL, Lead Temperature (OC)
Number of Cycles at 60Hz
REV:B
QW-BTV01
Page 2
Comchip Technology CO., LTD.
SMD Transient Voltage Suppressor
SMD Diodes Specialist
Table 1. Specification
Absolute Maximum Rating (Ta=25C) Part No
TV04A5V0K(B)-G TV04A5V0J(B)-G TV04A6V0K(B)-G TV04A6V0J(B)-G TV04A6V5K(B)-G TV04A6V5J(B)-G TV04A7V0K(B)-G TV04A7V0J(B)-G TV04A7V5K(B)-G TV04A7V5J(B)-G TV04A8V0K(B)-G TV04A8V0J(B)-G TV04A8V5K(B)-G TV04A8V5J(B)-G TV04A9V0K(B)-G TV04A9V0J(B)-G TV04A100K(B)-G TV04A100J(B)-G TV04A110K(B)-G TV04A110J(B)-G TV04A120K(B)-G TV04A120J(B)-G TV04A130K(B)-G TV04A130J(B)-G TV04A140K(B)-G TV04A140J(B)-G TV04A150K(B)-G TV04A150J(B)-G TV04A160K(B)-G TV04A160J(B)-G TV04A170K(B)-G TV04A170J(B)-G TV04A180K(B)-G TV04A180J(B)-G TV04A200K(B)-G TV04A200J(B)-G TV04A220K(B)-G TV04A220J(B)-G TV04A240K(B)-G TV04A240J(B)-G TV04A260K(B)-G TV04A260J(B)-G TV04A280K(B)-G TV04A280J(B)-G TV04A300K(B)-G TV04A300J(B)-G TV04A330K(B)-G TV04A330J(B)-G
Electrical Characteristic (Ta=25C) Max. V C (V)
9.60 9.20 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3
VRWM
V BR
Min.
V BR
Max.
IT
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
I FSM
40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40
I R @V RWM Marking Code (uA)
800 800 800 800 500 500 200 200 100 100 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.55 8.55 9.00 9.00 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0
(V)
6.40 6.46 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7
(V)
7.82 7.07 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6
(mA) (A)@8.3mS
I PP (A)
41.6 43.5 35.1 38.0 32.5 35.7 30.1 33.3 28.0 31.0 26.5 29.4 25.1 27.7 23.6 26.0 21.1 23.5 20.0 22.0 18.1 20.1 16.8 18.6 15.5 17.2 14.8 16.4 13.8 15.3 13.1 14.5 12.4 13.7 11.1 12.3 10.0 11.2 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 6.8 7.5
Uni
AD AE AF AG AH AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BD BE BF BG BH BK BL BM BN BP BQ BR BS BT BU BV BW BX BY BZ CD CE CF CG CH CK CL CM
Bi
WD WE WF WG WH WK WL WM WN WP WQ WR WS ST WU WV WW WX WY WZ XD XE XF XG XH XK XL XM XN XP XQ XR XS XT XU XV XW XX XY XZ YD YE YF YG YH YK YL YM
REV:B
QW-BTV01
Page 3
Comchip Technology CO., LTD.
SMD Transient Voltage Suppressor
SMD Diodes Specialist
Table 1. Specification
Absolute Maximum Rating (Ta=25C) Part No
TV04A360K(B)-G TV04A360J(B)-G TV04A400K(B)-G TV04A400J(B)-G TV04A430K(B)-G TV04A430J(B)-G TV04A450K(B)-G TV04A450J(B)-G TV04A480K(B)-G TV04A480J(B)-G TV04A510K(B)-G TV04A510J(B)-G TV04A540K(B)-G TV04A540J(B)-G TV04A580K(B)-G TV04A580J(B)-G TV04A600K(B)-G TV04A600J(B)-G TV04A640K(B)-G TV04A640J(B)-G TV04A700K(B)-G TV04A700J(B)-G TV04A750K(B)-G TV04A750J(B)-G TV04A780K(B)-G TV04A780J(B)-G TV04A850K(B)-G TV04A850J(B)-G TV04A900K(B)-G TV04A900J(B)-G TV04A101K(B)-G TV04A101J(B)-G TV04A111K(B)-G TV04A111J(B)-G TV04A121K(B)-G TV04A121J(B)-G TV04A131K(B)-G TV04A131J(B)-G TV04A151K(B)-G TV04A151J(B)-G TV04A161K(B)-G TV04A161J(B)-G TV04A171K(B)-G TV04A171J(B)-G
Electrical Characteristic (Ta=25C) Max. V C (V)
64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
VRWM
V BR Min. V BR Max. (V)
40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189
IT
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
I FSM
40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40
I R@V RWM Marking Code (uA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110 120 120 130 130 150 150 160 160 170 170
(V)
48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209
(mA) (A)@8.3mS
I PP (A)
6.2 6.9 5.6 6.2 5.2 5.7 5.0 5.5 4.7 5.2 4.4 4.9 4.2 4.6 3.9 4.3 3.7 4.1 4.5 3.9 3.2 3.5 3.0 3.3 2.9 3.2 2.6 2.9 2.5 2.7 2.2 2.5 2.0 2.3 1.9 2.0 1.7 1.9 1.5 1.6 1.4 1.5 1.3 1.4
Uni
CN CP CQ CR CS CT CU CV CW CX CY CZ RD RE RF RG RH RK RL RM RN RP RQ RR RS RT RU RV RW RX RY RZ SD SE SF SG SH SK SL SM SN SP SQ SR
Bi
YN YP YQ YR YS YT YU YV YW YX YY YZ ZD ZE ZF ZG ZH ZK ZL ZM ZN ZP ZQ ZR ZS ZT ZU ZV ZW ZX ZY ZZ VD VE VF VG VH VK VL VM VN VP VQ VR
Notes: 1. Suffix K denotes 10% tolerance devices, suffix J denotes 5% tolerance devices. 2. Suffix B after part number to specify bi-directional devices. 3. For bi-directional devices having VR of 10 volts and under, the IR limit is double.
REV:B
QW-BTV01
Page 4
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of TV04A750K-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X